Part Number Hot Search : 
4013BF PCB8517 K1426 SMBJ10 SUR498H TC8600 RT42473 MIR505
Product Description
Full Text Search
 

To Download APTDF400AA170G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APTDF400AA170G
Dual Common Anode diodes Power Module
K1 A
VRRM = 1700V IC = 400A @ Tc = 55C
Application * * * * Uninterruptible Power Supply (UPS) Induction heating Welding equipment High speed rectifiers
Features * * * * * * * Benefits
K1 A K2
K2
Ultra fast recovery times Soft recovery characteristics High blocking voltage High current Low leakage current Very low stray inductance - Symmetrical design - M5 power connectors High level of integration
* * * * * *
Outstanding performance at high frequency operation Low losses Low noise switching Direct mounting to heatsink (isolated package) Low junction to case thermal resistance RoHS Compliant
Absolute maximum ratings
Symbol VR VRRM IF(A V) IF(RMS) IFSM
Parameter Maximum DC reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Average Forward Current Duty cycle = 50% Tc = 25C Tc = 55C Tj = 25C
Max ratings 1700 480 400 500 1500
Unit V
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed. See application note APT0502 on www.microsemi.com
www.microsemi.com
1-3
APTDF400AA170G - Rev 1 June, 2006
RMS Forward Current Non-Repetitive Forward Surge Current
A
APTDF400AA170G
All ratings @ Tj = 25C unless otherwise specified Electrical Characteristics
Symbol Characteristic VF IRM Diode Forward Voltage Maximum Reverse Leakage Current Test Conditions IF = 400A VR = 1700V Tj = 25C Tj = 125C Tj = 25C Tj = 125C Min Tj = 25C IF = 400A VR = 900V
di/dt = 4000A/s
Min
Typ 2.2 2.1
Max 2.5 750 1000
Unit V A
Dynamic Characteristics
Symbol Characteristic trr Qrr IRRM Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current
Test Conditions Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
Typ 572 704 80 140 280 400
Max
Unit ns C A
Thermal and package characteristics
Symbol RthJC VISOL TJ TSTG TC Torque Wt Characteristic Junction to Case Thermal Resistance
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
Min 3500 -40 -40 -40 3 2
Typ
Max 0.095 150 125 100 5 3.5 280
Unit C/W V C N.m g
Operating junction temperature range Storage Temperature Range Operating Case Temperature Mounting torque Package Weight To heatsink For terminals M6 M5
SP6 Package outline (dimensions in mm)
www.microsemi.com
2-3
APTDF400AA170G - Rev 1 June, 2006
APTDF400AA170G
Typical Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration 0.1 Thermal Impedance (C/W) 0.9 0.08 0.06 0.04 0.02 0.7 0.5 0.3 0.1 0.05 0.0001
Single Pulse 0.001 0.01 0.1 Rectangular Pulse Duration (Seconds) 1 10
0 0.00001
Forward Current vs Forward Voltage 1000 trr, Reverse Recovery Time (ns) IF, Forward Current (A) 800 600 400 200 0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VF, Anode to Cathode Voltage (V) QRR, Reverse Recovery Charge (C) QRR vs. Current Rate Charge
TJ=125C V R=900V TJ=125C TJ=25C
Trr vs. Current Rate of Charge
800 700 600 500 400
400 A 800 A TJ=125C V R=900V
TJ=25C
300 200 0
200 A
5000 10000 15000 20000 25000
-diF/dt (A/s) IRRM vs. Current Rate of Charge
IRRM, Reverse Recovery Current (A)
320 280 240 200 160 120 80 0
1600 1400 1200 1000 800 600 400 200 0 5000 10000 15000 20000 25000
-diF/dt (A/s)
TJ=125C V R=900V 400 A 800 A 200 A
800 A
400 A
200 A
5000 10000 15000 20000 25000 -diF /dt (A/s)
Max. Average Forward Current vs. Case Temp. 600
500
IF(AV) (A)
Duty Cycle = 0.5 TJ=150C
400 300 200 100 0 0 25 50 75 100 125 150
Case Temperature (C)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.
www.microsemi.com
3-3
APTDF400AA170G - Rev 1 June, 2006


▲Up To Search▲   

 
Price & Availability of APTDF400AA170G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X